Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB95N4F3 Datasheet (PDF) - STMicroelectronics

STB95N4F3 Datasheet PDF - STMicroelectronics
Part # STB95N4F3
Download  STB95N4F3 Download
File Size   839.49 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 40 V, 5.0, 80 A STripFET III

STB95N4F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB95N4F3 Datasheet PDF - STMicroelectronics

Part # STB95N4F3
Download  STB95N4F3 Click to download

File Size   839.49 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 40 V, 5.0, 80 A STripFET III

STB95N4F3 Datasheet (HTML) - STMicroelectronics


STB95N4F3 Product details

Description
These devices are N-channel enhancement mode Power MOSFETs produced using STMicroelectronics’ STripFET™ III technology, which is specifically designed to minimize onresistance and gate charge to provide superior switching performance.

Features
■ Standard threshold drive
■ 100% avalanche tested

Applications
■ Switching applications
    – Automotive




Similar Part No. - STB95N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
logo
Inchange Semiconductor ...
STB95N3LLH6 ISC-STB95N3LLH6 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB95NF03 STMICROELECTRONICS-STB95NF03 Datasheet
587Kb / 9P
N-CHANNEL 30V - 0.0065 ohm - 95A D²PAK STripFET™ II POWER MOSFET
Mar-2003
More results


Similar Description - STB95N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
01-Jul-2008
STB270N4F3 STMICROELECTRONICS-STB270N4F3_09 Datasheet
804Kb / 14P
N-channel 40 V, 1.6 mΩ, 160 A, D2PAK, I2PAK STripFET™III Power MOSFET
14-Jul-2009
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
N-channel 40 V, 7.3 mΩ, 40 A, DPAK STripFET™V Power MOSFET
22-Jun-2010
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
N-channel 40 V, 1.4 mΩ typ., 180 A STripFET III Power MOSFET
14-Mar-2013
STL35N15F3 STMICROELECTRONICS-STL35N15F3 Datasheet
848Kb / 17P
N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
10-May-2012
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
31-Oct-2012
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
24-Mar-2010
STD65N55LF3 STMICROELECTRONICS-STD65N55LF3 Datasheet
804Kb / 13P
N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
12-Oct-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com