Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULED602 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STULED602
Description  N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULED602 Datasheet(HTML) 1 Page - STMicroelectronics

  STULED602 Datasheet HTML 1Page - STMicroelectronics STULED602 Datasheet HTML 2Page - STMicroelectronics STULED602 Datasheet HTML 3Page - STMicroelectronics STULED602 Datasheet HTML 4Page - STMicroelectronics STULED602 Datasheet HTML 5Page - STMicroelectronics STULED602 Datasheet HTML 6Page - STMicroelectronics STULED602 Datasheet HTML 7Page - STMicroelectronics STULED602 Datasheet HTML 8Page - STMicroelectronics STULED602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2013
DocID024406 Rev 1
1/19
19
STDLED602, STULED602
N-channel 600 V, 4
Ω typ., 2 A Power MOSFET
in DPAK and IPAK packages
Datasheet
− preliminary data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener-protected
Applications
• LED lighting application
Description
These Power MOSFETs boast extremely low on-
resistance, superior dynamic performance and
high avalanche capability, making them suitable
for the buck-boost and flyback topology.
D(2,TAB)
G(1)
S(3)
AM01476v1
DPAK
3
2
1
IPAK
1
3
TAB
TAB
Order codes
VDS
RDS(on)max.
ID
PTOT
STDLED602
600 V
4.5
Ω
2 A
45 W
STULED602
Table 1. Device summary
Order codes
Marking
Package
Packaging
STDLED602
LED602
DPAK
Tape and reel
STULED602
IPAK
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STULED602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STULED623 STMICROELECTRONICS-STULED623 Datasheet
1Mb / 18P
Very low intrinsic capacitance
03-Sep-2013
STULED624 STMICROELECTRONICS-STULED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STULED625 STMICROELECTRONICS-STULED625 Datasheet
1Mb / 18P
Gate charge minimized
28-Aug-2013
STULED625H STMICROELECTRONICS-STULED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STULED656 STMICROELECTRONICS-STULED656 Datasheet
1Mb / 22P
Gate charge minimized
26-Mar-2013
More results

Similar Description - STULED602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2LN60K3 STMICROELECTRONICS-STD2LN60K3 Datasheet
1Mb / 20P
N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
05-Jul-2012
STD1HN60K3 STMICROELECTRONICS-STD1HN60K3 Datasheet
1Mb / 19P
N-channel 600 V, 6.7 Ω typ., 1.2 A SuperMESH3™ Power MOSFET in DPAK and IPAK packages
April 2013 Rev 1
STD16N60M6 STMICROELECTRONICS-STD16N60M6 Datasheet
339Kb / 15P
N-channel 600 V, 0.260 Ω typ., 12 A MDmesh M6 Power MOSFET in a DPAK package
08-May-2020
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
25-Mar-2013
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1_V01 Datasheet
731Kb / 32P
N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
05-Apr-2018
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com