Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULED602 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STULED602
Description  N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULED602 Datasheet(HTML) 3 Page - STMicroelectronics

  STULED602 Datasheet HTML 1Page - STMicroelectronics STULED602 Datasheet HTML 2Page - STMicroelectronics STULED602 Datasheet HTML 3Page - STMicroelectronics STULED602 Datasheet HTML 4Page - STMicroelectronics STULED602 Datasheet HTML 5Page - STMicroelectronics STULED602 Datasheet HTML 6Page - STMicroelectronics STULED602 Datasheet HTML 7Page - STMicroelectronics STULED602 Datasheet HTML 8Page - STMicroelectronics STULED602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID024406 Rev 1
3/19
STDLED602, STULED602
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
600
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2
A
ID
Drain current (continuous) at TC = 100 °C
1.26
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
8
A
PTOT
Total dissipation at TC = 25 °C
45
W
Derating factor
0.36
W/°C
ESD
Gate-source human body model (C = 100 pF, R
= 1.5 k
Ω)
2.5
kV
dv/dt (2)
2.
ISD ≤ 2 A, di/dt ≤ 400 A/µs, peak VDS < V(BR)DSS
Peak diode recovery voltage slope
12
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK
IPAK
Rthj-case Thermal resistance junction-case max
2.78
2.78
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
50
°C/W
Rthj-amb
Thermal resistance junction-amb max
100
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
2A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
80
mJ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com