Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEF512PUR
Description  Dual electronic fuse (eFuse) for 5 V and 12 V rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEF512PUR Datasheet HTML 9Page - STMicroelectronics STEF512PUR Datasheet HTML 10Page - STMicroelectronics STEF512PUR Datasheet HTML 11Page - STMicroelectronics STEF512PUR Datasheet HTML 12Page - STMicroelectronics STEF512PUR Datasheet HTML 13Page - STMicroelectronics STEF512PUR Datasheet HTML 14Page - STMicroelectronics STEF512PUR Datasheet HTML 15Page - STMicroelectronics STEF512PUR Datasheet HTML 16Page - STMicroelectronics STEF512PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Figure 21. 12 V channel Ilim vs. temperature
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 22. 5 V channel RDS_ON vs. temperature
25
30
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT = 500 mA
Figure 23. 12 V channel RDS_ON vs. temperature
25
30
35
40
45
50
55
60
65
70
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT = 500 mA
STEF512PUR
Typical characteristics
DS13182 - Rev 3
page 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com