Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8659 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8659
Description  Voice Recorder (DRAM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8659 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8659 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Description
1AS9
I/O
Pull-High
CMOS
Input:
For IC test only
Output: Address output for DRAM of 1Mb and
column address strobe for DRAM of 256Kb
2AS8
I/O
Pull-High
CMOS
Input:
For IC test only
Output: Address output to DRAM
3AS7
I/O
Pull-High
CMOS
Input:
For IC test only
Output: Address output to DRAM
4AS6
I/O
Pull-High
CMOS
Input:
For IC test only
1: For IC test only
0: Not applicable
Output: Address output to DRAM
5AS5
I/O
Pull-High
CMOS
Input:
DRAM type selection:
1: 256Kb (without external pull-low
resistors)
0: 1Mb (with an external pull-low resistor)
Output: Address output to DRAM
6AS4
I/O
Pull-High
CMOS
Input:
Manual/Auto playback selection:
1: Manual (without external pull-low
resistors)
0: Auto (with an external pull-low resistor)
Output: Address output to DRAM
7,8
AS3,AS2
I/O
Pull-High
CMOS
Input:
DRAM chip number selection (refer to the
functional description)
Output: Address output to DRAM
9,10
AS1,AS0
I/O
Pull-High
CMOS
Input:
Sampling rate selection (refer to the
functional description)
Output: Address output to DRAM
11
VDD
I
—
Positive power supply
12
AIN
I
—
Pre-amplifier input pin
13
AO
O
—
Pre-amplifier output pin
Amplifier gain should be adjusted between AIN and
AO by a resistor.
14
BIAS
I
—
For internal OP bias de-coupling
15
VOUT
O
—
Audio signal output (non-filtered, output directly)
16
FOUT
O
—
Audio signal output through an internal low-pass
filter
17
VSS
I
—
Negative power supply (GND)
HT8658/HT8659
3
26th Sep ’96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com