Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8659 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT8659
Description  Voice Recorder (DRAM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8659 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT8659 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pad No.
Pad Name
I/O
Internal
Connection
Description
18~20
CAS1B~
CAS3B
O
CMOS
Column address strobe for DRAM1~DRAM3
21
LEDB
O
Open Drain
NMOS
Status indicator when LSI is active
22
PLYB
I
Pull-High
Play/Pause trigger input (toggle function)
23
RECB
I
Pull-High
Record/Pause trigger input (toggle function)
24
RESB
I
Pull-High
Reset the system or the play counter
25
WRB
O
CMOS
Write enable signal output for DRAM interface
26
RASB
O
CMOS
Row address strobe output for DRAM interface
27
DATA
I/O
—
Encoded data I/O pin
28
29
OSC2
OSC1
O
I
—
Oscillation external resistor connect pin
Absolute Maximum Ratings
Supply Voltage .................................. –0.3 to 6V
Storage Temperature ............... –50
°C to 125°C
Input Voltage ............... VSS–0.3 Vto VDD+0.3V
Operating Temperature ............. –20
°C to 70°C
Electrical Characteristics
(Ta=25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
—
—
4.5
5.0
5.5
V
IDD
Operating Current
5V
No load,
FOSC=384KHz
—0.8
2.0
mA
ISTB
Stand-By Current
5V
—
—
40
100
µA
IOL
LED Sink Current
5V
VOL=0.5V
3.0
5.0
—
mA
VIH
“H” Input Voltage
—
—
0.7VDD
—VDD
V
VIL
“L” Input Voltagse
—
—
0
—
0.2VDD
V
FOSC
System Frequency
5V
ROSC=91K
—
384
—
KHz
VOUT
Max. Vout Output Voltage
5V
RL>50K
1.5
—
—
VP-P
HT8658/HT8659
4
26th Sep ’96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com