Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393FVT Datasheet(PDF) 17 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 17 Page - Rohm

Back Button LM393FVT Datasheet HTML 13Page - Rohm LM393FVT Datasheet HTML 14Page - Rohm LM393FVT Datasheet HTML 15Page - Rohm LM393FVT Datasheet HTML 16Page - Rohm LM393FVT Datasheet HTML 17Page - Rohm LM393FVT Datasheet HTML 18Page - Rohm LM393FVT Datasheet HTML 19Page - Rohm LM393FVT Datasheet HTML 20Page - Rohm LM393FVT Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
17/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Application Information
– continued
Switch Condition for Test Circuit 2
Parameter
SW1
SW2
SW3
SW4
SW5
SW6
SW7
Supply Current
ON
ON
OFF
OFF
OFF
OFF
OFF
Output Sink Current
VOUT=1.5V
ON
ON
OFF
OFF
OFF
OFF
ON
Output Saturation Voltage ISINK=4mA
ON
ON
OFF
OFF
ON
ON
OFF
Output Leakage Current
VOUT=32V
ON
ON
OFF
OFF
OFF
OFF
ON
Response Time
RL=5.1kΩ, VRL=5V
ON
OFF
ON
ON
OFF
OFF
OFF
Figure 40. Test Circuit 2 (One Channel Only)
Figure 41. Response Time
1.395V
Output Wave
Output Wave
Δov=5mV
t
-
+
SW5
SW6
SW4
SW1
SW2
SW3
SW7
RL
VEE
VCC
V+IN
V-IN
VOUT
VRL
Overdrive Voltage
VREF=1.4V
Input Voltage
L
tRE ( ow to High)
0V
VCC
VREF=1.4V
Input Voltage
Input Wave
VCC/2
Overdrive Voltage
Input Wave
0V
VCC
VCC/2
1.5V
Δov=5mV
1.405V
1.3V
t
t
t
Output Voltage
Output Voltage
tRE (High to Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com