Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393FVT Datasheet(PDF) 34 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 34 Page - Rohm

Back Button LM393FVT Datasheet HTML 30Page - Rohm LM393FVT Datasheet HTML 31Page - Rohm LM393FVT Datasheet HTML 32Page - Rohm LM393FVT Datasheet HTML 33Page - Rohm LM393FVT Datasheet HTML 34Page - Rohm LM393FVT Datasheet HTML 35Page - Rohm LM393FVT Datasheet HTML 36Page - Rohm LM393FVT Datasheet HTML 37Page - Rohm LM393FVT Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
34/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Ordering Information
L
M
x
x
x
x
x
x
-
x
x
Part Number
Package
Packaging and forming specification
LM393F
LM393FJ
LM393FV
LM393FVT
LM393FVJ
LM393FVM
LM339F
LM339FJ
LM339FV
LM339FVJ
LM2903F
LM2903FJ
LM2903FV
LM2903FVT
LM2903FVJ
LM2903FVM
LM2901F
LM2901FJ
LM2901FV
LM2901FVJ
F
FJ
FV
FVT
FVJ
FVM
: SOP8
: SOP14
: SOP-J8
: SOP-J14
: SSOP-B8
: SSOP-B14
: TSSOP-B8
: TSSOP-B8J
: TSSOP-B14J
: MSOP8
E2: Embossed tape and reel
(SOP8/SOP-J8/SSOP-B8/
TSSOP-B8/SOP14/SOP-J14/
SSOP-B14/TSSOP-B14J)
TR: Embossed tape and reel
(MSOP8)
Line-up
Operating Temperature Range
Channel
Package
Orderable Part Number
-40°C to +85°C
2ch
SOP8
Reel of 2500
LM393F-E2
SOP-J8
Reel of 2500
LM393FJ-E2
SSOP-B8
Reel of 2500
LM393FV-E2
TSSOP-B8
Reel of 3000
LM393FVT-E2
TSSOP-B8J
Reel of 2500
LM393FVJ-E2
MSOP8
Reel of 3000
LM393FVM-TR
4ch
SOP14
Reel of 2500
LM339F-E2
SOP-J14
Reel of 2500
LM339FJ-E2
SSOP-B14
Reel of 2500
LM339FV-E2
TSSOP-B14J
Reel of 2500
LM339FVJ-E2
-40°C to +125°C
2ch
SOP8
Reel of 2500
LM2903F-E2
SOP-J8
Reel of 2500
LM2903FJ-E2
SSOP-B8
Reel of 2500
LM2903FV-E2
TSSOP-B8
Reel of 3000
LM2903FVT-E2
TSSOP-B8J
Reel of 2500
LM2903FVJ-E2
MSOP8
Reel of 3000
LM2903FVM-TR
4ch
SOP14
Reel of 2500
LM2901F-E2
SOP-J14
Reel of 2500
LM2901FJ-E2
SSOP-B14
Reel of 2500
LM2901FV-E2
TSSOP-B14J
Reel of 2500
LM2901FVJ-E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com