Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903FVT Datasheet(PDF) 1 Page - Rohm

Part # LM2903FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2903FVT Datasheet(HTML) 1 Page - Rohm

  LM2903FVT Datasheet HTML 1Page - Rohm LM2903FVT Datasheet HTML 2Page - Rohm LM2903FVT Datasheet HTML 3Page - Rohm LM2903FVT Datasheet HTML 4Page - Rohm LM2903FVT Datasheet HTML 5Page - Rohm LM2903FVT Datasheet HTML 6Page - Rohm LM2903FVT Datasheet HTML 7Page - Rohm LM2903FVT Datasheet HTML 8Page - Rohm LM2903FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
1/37
15.Jul.2016 Rev.002
TSZ22111
• 14 • 001
Comparators
Ground Sense Comparators
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
General Description
LM393xxx and LM2903xxx series are two-channel
ground sense comparator. LM339xxx and LM2901xxx
series are quad. These have features of wide operating
voltage that ranges from 3V to 32V with low supply
current. These products are suitable for various
applications.
Features
 Wide Operating Supply Voltage
 Ground-sensed Input and Output
 Open Collector Output
 Wide Operating Temperature
 Low Offset Voltage
Application
 General Purpose
 Current Monitor
 Battery Monitor
 Multivibrators
Key Specifications
 Operating Supply Voltage Range
Single Supply
+3.0V to +32.0V
Dual Supply
±1.5V to ±16.0V
 Operating Temperature Range:
LM393xxx:
-40°C to +85°C
LM339xxx:
-40°C to +85°C
LM2903xxx:
-40°C to +125°C
LM2901xxx:
-40°C to +125°C
 Input Offset Voltage
4.5mV (Max)
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SOP-J14
8.65mm x 6.00mm x 1.65mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
TSSOP-B14J
5.00mm x 6.40mm x 1.20mm
Pin Configuration
LM393F, LM2903F
: SOP8
LM393FJ, LM2903FJ
: SOP-J8
LM393FV, LM2903FV
: SSOP-B8
LM393FVT, LM2903FVT
: TSSOP-B8
LM393FVJ, LM2903FVJ
: TSSOP-B8J
LM393FVM, LM2903FVM : MSOP8
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
2
8
1
2
3
4
5
6
7
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
- +
+ -
CH1
CH2
Datasheet


Similar Part No. - LM2903FVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903FK TI-LM2903FK Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2903FVT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
Comparators: Ground Sense
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
Ground Sense Comparators
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
Automotive Ground Sense Comparators
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
Automotive Ground Sense Comparators
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com