Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903FVT Datasheet(PDF) 21 Page - Rohm

Part # LM2903FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2903FVT Datasheet(HTML) 21 Page - Rohm

Back Button LM2903FVT Datasheet HTML 17Page - Rohm LM2903FVT Datasheet HTML 18Page - Rohm LM2903FVT Datasheet HTML 19Page - Rohm LM2903FVT Datasheet HTML 20Page - Rohm LM2903FVT Datasheet HTML 21Page - Rohm LM2903FVT Datasheet HTML 22Page - Rohm LM2903FVT Datasheet HTML 23Page - Rohm LM2903FVT Datasheet HTML 24Page - Rohm LM2903FVT Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
21/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
Ambient Temperature [°C]
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
Ambient Temperature [°C]
Reduce the value above per 1°C above 25°C.
Power dissipation is the value when the IC mounted on FR4 glass epoxy board 70mm ×70mm ×1.6mm (cooper foil area below 3%) is mounted.
Note 19
Note 20
Note 21
Note 22
Note 23
Note 24
Note 25
Note 26
Unit
5.5
5.4
5.0
4.7
4.5
8.2
7.0
6.8
mW/°C
Figure 43. Thermal Resistance and Derating Curve
(e) LM339xxx
85
LM339F
(Note 23)
LM339FJ
(Note 24)
LM339FV
(Note 25)
LM339FVJ
(Note 26)
LM2901F
(Note 23)
LM2901FJ
(Note 24)
LM2901FV
(Note 25)
LM2901FVJ
(Note 26)
(f) LM2901xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com