Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237881 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237881
Description  Cooling unit - EV-HPC-PCU-01
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237881 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237881 Datasheet HTML 1Page - PHOENIX CONTACT 1237881 Datasheet HTML 2Page - PHOENIX CONTACT 1237881 Datasheet HTML 3Page - PHOENIX CONTACT 1237881 Datasheet HTML 4Page - PHOENIX CONTACT 1237881 Datasheet HTML 5Page - PHOENIX CONTACT 1237881 Datasheet HTML 6Page - PHOENIX CONTACT 1237881 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Product properties
Product type
Cooling unit
for cooling the cooling liquid of a Phoenix Contact HPC DC
charging cable
Application
for installation in e-mobility charging stations (EVSE)
Type
Accessories
with variable-speed fan
Design
with variable-speed pump
Manufacturer
HYDAC Cooling GmbH
High Power Charging
Technology
Combined Charging System
HPC CCS type 2
Charging standard
HPC CCS type 1
Charging mode
Mode 4
Electrical properties
24 V DC (Fan)
Supply voltage
24 V DC (Pump)
0 V DC ... 10 V DC (Fan)
Control voltage range
0 V DC ... 10 V DC (Pump)
max. 1.97 A (Fan)
Current consumption
max. 1.8 A (Pump)
Interfaces
Function interface: Cooling system
Interface description
Quick release couplings, inflow and return flow, for hoses with an
outer diameter of 12 mm
Function interface: Fan
Cable structure
4 x 0.5 mm²
Power supply RD
Reference ground BU
Speed output WH
Single-core wire
Control input YE
Function interface: Pump
Cable structure
2 x 0.34 mm² + 5 x 0.14 mm²
Power supply RD
Reference ground BK
Motor shutoff signal GN
Speed output BN
Control input YE
Single-core wire
Cooling unit - EV-HPC-PCU-01
1237881
https://www.phoenixcontact.com/us/products/1237881
Nov 16, 2022, 7:27 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com