Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237881 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237881
Description  Cooling unit - EV-HPC-PCU-01
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237881 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237881 Datasheet HTML 1Page - PHOENIX CONTACT 1237881 Datasheet HTML 2Page - PHOENIX CONTACT 1237881 Datasheet HTML 3Page - PHOENIX CONTACT 1237881 Datasheet HTML 4Page - PHOENIX CONTACT 1237881 Datasheet HTML 5Page - PHOENIX CONTACT 1237881 Datasheet HTML 6Page - PHOENIX CONTACT 1237881 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
CHARX connect, Cooling unit, Accessories, for cooling the cooling liquid of a Phoenix Contact
HPC DC charging cable, with variable-speed fan, with variable-speed pump, HPC CCS type 2,
HPC CCS type 1, length: 1.5 m, HPC-Line
Commercial Data
Item number
1237881
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
A17
Product Key
XWBALL
GTIN
4063151344757
Weight per Piece (including packing)
16,299 g
Weight per Piece (excluding packing)
17,440 g
Customs tariff number
84195080
Country of origin
DE
Cooling unit - EV-HPC-PCU-01
1237881
https://www.phoenixcontact.com/us/products/1237881
Nov 16, 2022, 7:27 AM
Page 1 (7)


Similar Part No. - 1237881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1237 ETC2-1237 Datasheet
87Kb / 1P
KNOB
logo
Heyco.
1237 HEYCO-1237 Datasheet
91Kb / 1P
Original Strain Relief Bushings
logo
CEE Norm UK Ltd
1237 CEENORM-1237 Datasheet
1Mb / 4P
Socket Outlets
logo
Lapp.
1237000 LAPP-1237000 Datasheet
401Kb / 11P
ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
2025-06-30
logo
Weidmuller
1237000000 WEIDMULLER-1237000000 Datasheet
541Kb / 7P
SCZ 3.81/04/180GZE SN OR BX
More results

Similar Description - 1237881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNX002-01 ETC1-BNX002-01 Datasheet
101Kb / 1P
BNX002-01
M57962CL-01 ETC1-M57962CL-01 Datasheet
308Kb / 7P
M57962CL-01
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
peltier cooling unit
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
S11155-2048-01 S11156-2048-01
logo
List of Unclassifed Man...
MS-200278 ETC2-MS-200278 Datasheet
224Kb / 1P
106-SD02-EV, 106-SD04-EV, 106-SD06-EV, 106-SD08-EV
S7017 ETC2-S7017 Datasheet
1Mb / 2P
Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
Dual-socket HPC server platform
logo
Sharma Electro Componen...
EV SHARMA-EV Datasheet
340Kb / 2P
EV Series
logo
Laird Tech Smart Techno...
WL-500 LSTD-WL-500 Datasheet
2Mb / 8P
READ MANUAL BEFORE OPERATING COOLING UNIT
logo
Renesas Technology Corp
ICS8725B-01 RENESAS-ICS8725B-01 Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com