Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH3N150-2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH3N150-2
Description  N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH3N150-2 Datasheet(HTML) 5 Page - STMicroelectronics

  STH3N150-2 Datasheet HTML 1Page - STMicroelectronics STH3N150-2 Datasheet HTML 2Page - STMicroelectronics STH3N150-2 Datasheet HTML 3Page - STMicroelectronics STH3N150-2 Datasheet HTML 4Page - STMicroelectronics STH3N150-2 Datasheet HTML 5Page - STMicroelectronics STH3N150-2 Datasheet HTML 6Page - STMicroelectronics STH3N150-2 Datasheet HTML 7Page - STMicroelectronics STH3N150-2 Datasheet HTML 8Page - STMicroelectronics STH3N150-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area for TO-3PF
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
S inlge
puls e
1000
AM03941v1
Figure 2. Thermal impedance for TO-3PF
ZTH_TO3PF
10-1
10-2
10 -5
10 -4
10 -3
10 -2
10 -1
10 0
K
t p (s)
Zth=k*Rthj-c
Figure 3. Safe operating area for H2PAK-2 and TO-220
HV37430
Figure 4. Thermal impedance for H2PAK-2 and TO-220
GC20540
Figure 5. Safe operating area for TO-247
HV37440
Figure 6. Thermal impedance for TO-247
GC20530
STFW3N150, STH3N150-2, STP3N150, STW3N150
Electrical characteristics (curves)
DS5052 - Rev 12
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com