Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH3N150-2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STH3N150-2
Description  N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH3N150-2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STH3N150-2 Datasheet HTML 8Page - STMicroelectronics STH3N150-2 Datasheet HTML 9Page - STMicroelectronics STH3N150-2 Datasheet HTML 10Page - STMicroelectronics STH3N150-2 Datasheet HTML 11Page - STMicroelectronics STH3N150-2 Datasheet HTML 12Page - STMicroelectronics STH3N150-2 Datasheet HTML 13Page - STMicroelectronics STH3N150-2 Datasheet HTML 14Page - STMicroelectronics STH3N150-2 Datasheet HTML 15Page - STMicroelectronics STH3N150-2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Table 9. H²PAK-2 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.30
-
4.70
A1
0.03
0.20
C
1.17
1.37
D
8.95
9.35
e
4.98
5.18
E
0.50
0.90
F
0.78
0.85
F2
1.14
1.70
H
10.00
10.40
H1
7.40
7.80
J1
2.49
2.69
L
15.30
15.80
L1
1.27
1.40
L2
4.93
5.23
L3
6.85
7.25
L4
1.50
1.70
M
2.60
2.90
R
0.20
0.60
V
0°
8°
Figure 25. H²PAK-2 recommended footprint
8159712_9
Note:
Dimensions are in mm.
STFW3N150, STH3N150-2, STP3N150, STW3N150
H²PAK-2 package information
DS5052 - Rev 12
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com