Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3HF60WDT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGD3HF60WDT4
Description  3 A, 600 V ultra fast IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60WDT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STGD3HF60WDT4 Datasheet HTML 1Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 2Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 3Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 4Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 5Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 6Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 7Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 8Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical ratings
STGD3HF60WD
2/10
Doc ID 16582 Rev 1
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Continuous collector current at TC = 25 °C
TBD
A
IC
(1)
Continuous collector current at TC = 100 °C
TBD
A
ICL
(2)
2.
Vclamp = 80%,(VCES), Tj =150°C, RG = 10 Ω, VGE = 15 V
Turn-off latching current
TBD
A
ICP
(3)
3.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Pulsed collector current
TBD
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at TC = 25 °C
10
A
IFSM
Surge non repetitive forward current tp=10ms sinusoidal
25
A
PTOT
Total dissipation at TC = 25 °C
TBD
W
Tj
Operating junction temperature
– 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case IGBT
TBD
°C/W
Thermal resistance junction-case diode
TBD
°C/W
Rthj-amb
Thermal resistance junction-ambient
100
°C/W
I
C TC
()
T
jmax
() TC
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com