Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3HF60WDT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD3HF60WDT4
Description  3 A, 600 V ultra fast IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60WDT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STGD3HF60WDT4 Datasheet HTML 1Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 2Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 3Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 4Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 5Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 6Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 7Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 8Page - STMicroelectronics STGD3HF60WDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STGD3HF60WD
Electrical characteristics
Doc ID 16582 Rev 1
3/10
2
Electrical characteristics
(Tj=25 °C unless otherwise specified)
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter
saturation voltage
VGE= 15 V, IC= 0.5 A, Tj=125°C
VGE = 15 V, IC= 1.5 A
VGE= 15 V, IC= 1.5 A, Tj=125°C
1.3
2.3
1.8
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, Tj= 125 °C
250
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
±100
nA
gfs
Forward
transconductance
VCE = 15 V, IC= 1.5 A
TBD
S
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
TBD
TBD
TBD
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 1.5 A,
VGE = 15 V
(see Figure 3)
-
TBD
TBD
TBD
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com