Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF20M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF20M65DF2
Description  Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGF20M65DF2 Datasheet HTML 1Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 2Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 3Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TO-220FP
1
2
3
C (2)
G (1)
E (3)
Sc12850_no_tab
Features
•
High short-circuit withstand time
•
VCE(sat) = 1.55 V (typ.) @ IC = 20 A
•
Tight parameter distribution
•
Safer paralleling
•
Low thermal resistance
•
Soft and very fast recovery antiparallel diode
Applications
•
Motor control
•
UPS
•
PFC
•
General-purpose inverters
Description
This device is an IGBT developed using an advanced proprietary trench gate field-
stop structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss and
the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.
Product status link
STGF20M65DF2
Product summary
Order code
STGF20M65DF2
Marking
G20M65DF2
Package
TO-220FP
Packing
Tube
Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
STGF20M65DF2
Datasheet
DS11363 - Rev 4 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGF20M65DF2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STGF20M65DF2 ISC-STGF20M65DF2 Datasheet
398Kb / 6P
Trench gate Field-Stop IGBT
More results

Similar Description - STGF20M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com