Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF20M65DF2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGF20M65DF2
Description  Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20M65DF2 Datasheet(HTML) 4 Page - STMicroelectronics

  STGF20M65DF2 Datasheet HTML 1Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 2Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 3Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF20M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Table 5. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 20 A,
VGE = 15 V, RG = 12 Ω
(see Figure 28. Test circuit for
inductive load switching)
26
-
ns
tr
Current rise time
10.8
-
ns
(di/dt)on
Turn-on current slope
1409
-
A/µs
td(off)
Turn-off delay time
108
-
ns
tf
Current fall time
65
-
ns
Eon(1)
Turn-on switching energy
0.14
-
mJ
Eoff(2)
Turn-off switching energy
0.56
-
mJ
Ets
Total switching energy
0.7
-
mJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 20 A,
VGE = 15 V, RG = 12 Ω,
TJ = 175 °C
(see Figure 28. Test circuit for
inductive load switching)
28.4
-
ns
tr
Current rise time
11.2
-
ns
(di/dt)on
Turn-on current slope
1393
-
A/µs
td(off)
Turn-off delay time
107
-
ns
tf
Current fall time
145
-
ns
Eon(1)
Turn-on switching energy
0.3
-
mJ
Eoff(2)
Turn-off switching energy
0.85
-
mJ
Ets
Total switching energy
1.15
-
mJ
tsc
Short-circuit withstand time
VCC = 400 V, VGE = 13 V,
TJstart = 150 °C
10
-
µs
VCC = 400 V, VGE = 15 V,
TJstart = 150 °C
6
-
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 20 A, VR = 400 V,
VGE = 15 V, di/dt = 1000 A/µs
(see Figure 28. Test circuit for
inductive load switching)
-
166
ns
Qrr
Reverse recovery charge
-
690
nC
Irrm
Reverse recovery current
-
13.2
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
769
A/µs
Err
Reverse recovery energy
-
81
µJ
trr
Reverse recovery time
IF = 20 A, VR = 400 V,
VGE = 15 V, TJ = 175 °C,
di/dt = 1000 A/µs
(see Figure 28. Test circuit for
inductive load switching)
-
281
ns
Qrr
Reverse recovery charge
-
2010
nC
Irrm
Reverse recovery current
-
19.6
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
370
A/µs
Err
Reverse recovery energy
-
215
µJ
STGF20M65DF2
Electrical characteristics
DS11363 - Rev 4
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com