Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIPL14K60
Description  SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 8Page - STMicroelectronics STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics STGIPL14K60 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60 Datasheet HTML 12Page - STMicroelectronics STGIPL14K60 Datasheet HTML 13Page - STMicroelectronics STGIPL14K60 Datasheet HTML 14Page - STMicroelectronics STGIPL14K60 Datasheet HTML 15Page - STMicroelectronics STGIPL14K60 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Electrical characteristics
STGIPL14K60, STGIPL14K60-S
12/26
DocID15589 Rev 11
Note:
X: don’t care
.
3.1.1
NTC thermistor
Table 13. Truth table
Condition
Logic input (VI)
Output
SD/OD
LIN
HIN
LVG
HVG
Shutdown enable
half-bridge 3-state
LX
XL
L
Interlocking
half-bridge 3-state
HL
HL
L
0 ‘’logic state”
half-bridge 3-state
HH
L
L
L
1 “logic state”
low side direct driving
HL
L
H
L
1 “logic state”
high side direct driving
HH
H
L
H
Figure 5. Maximum IC(RMS) current vs. switching
frequency (1)
Figure 6. Maximum IC(RMS) current vs. fsine
(1)
1.
Simulated curves refer to typical IGBT parameters and maximum Rthj-c.
AM07839v1
8
10
12
14
16
18
20
46
8
10
12
14
16
18
20
V
PN = 300 V, Modulation index = 0.8,
P
F = 0.6, Tj = 150 °C, fSINE = 60 Hz
T
C = 80 °C
T
C = 100 °C
f
SW [kHz]
AM07840v1
6
7
8
9
10
11
12
110
100
f
SW = 12 kHz
f
SW = 20 kHz
f
SW = 16 kHz
f
SINE [Hz]
V
PN = 300 V, Modulation index = 0.8,
P
F = 0.6, Tj = 150 °C, TC = 10 °C
6
7
8
9
10
11
12
110
100
f
SW = 12 kHz
f
SW = 20 kHz
f
SW = 16 kHz
f
SINE [Hz]
V
PN = 300 V, Modulation index = 0.8,
P
F = 0.6, Tj = 150 °C, TC = 10 °C
Table 14. NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
T = 25°C
5
k
Ω
R125
Resistance
T = 125°C
300
Ω
B
B-constant
T = 25°C to 85°C
3340
K
T
Operating temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com