Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STGIPL14K60
Description  SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 18Page - STMicroelectronics STGIPL14K60 Datasheet HTML 19Page - STMicroelectronics STGIPL14K60 Datasheet HTML 20Page - STMicroelectronics STGIPL14K60 Datasheet HTML 21Page - STMicroelectronics STGIPL14K60 Datasheet HTML 22Page - STMicroelectronics STGIPL14K60 Datasheet HTML 23Page - STMicroelectronics STGIPL14K60 Datasheet HTML 24Page - STMicroelectronics STGIPL14K60 Datasheet HTML 25Page - STMicroelectronics STGIPL14K60 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
DocID15589 Rev 11
25/26
STGIPL14K60, STGIPL14K60-S
Revision history
26
8
Revision history
Table 18. Document revision history
Date
Revision
Changes
16-Apr-2009
1
Initial release
29-Mar-2010
2
Inserted Figure 5, Figure 6 and Section 4: Smart shutdown function.
Updated Section 3.1: Control part and package mechanical data,
Section 6.
Minor text changes to improve readability.
14-Jun-2010
3
Document status promoted from preliminary data to datasheet.
Updated Table 7: Inverter part, Figure 5: Maximum IC(RMS) current
vs. switching frequency and Figure 6: Maximum IC(RMS) current
vs. fsine(1).
21-Sep-2010
4
Updated: Table 3, 5, 8, 9, 10 and 12.
Modified: Figure 5 and Figure 6.
09-Mar-2011
5
Updated title with SLLIMM™ in cover page, added SDIP-38L tube
dimensions Figure 14.
04-Nov-2011
6
Updated title with SLLIMM™ (small low-loss intelligent molded
module) IPM, 3-phase inverter - 15 A, 600 V short-circuit rugged
IGBT in cover page and SDIP-38L mechanical data Table 16 on
page 19, Figure 12.
28-Aug-2012
7
Modified: Min. and Max. value Table 4 on page 6.
Updated: Figure 14.
Added: Figure 15.
04-Mar-2013
8
Added: Figure 7 and Figure 8
13-Mar-2013
9
Modified: Figure 8 on page 13
17-Jun-2013
10
Updated: Figure 9: Dead time and interlocking waveforms
definitions.
17-Oct-2013
11
Added device STGIPL14K60-S and modified Table 1: Device
summary accordingly.
Updated Section 6: Package information and Section 7: Packaging
mechanical data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com