Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20M65DF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGP20M65DF2
Description  Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20M65DF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGP20M65DF2 Datasheet HTML 2Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 3Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 4Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 5Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 6Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 7Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 8Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 9Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Figure 7. Collector current vs switching frequency
IGBT06111520M65BCCS
40
30
20
10
0
10 0
10 1
10 2
IC
(A)
f (kHz)
Rectangular current shape
(duty cycle =0.5, VCC = 400 V, RG = 12 Ω
VGE = 0/15 V, Tj = 175 °C
TC = 80 °C
TC = 100 °C
Figure 8. Forward bias safe operating area
IGBT06111520M65BFSOA
101
100
100
101
102
IC
(A)
VCE (V)
single pulse, T C = 25°C,
T J ≤ 175 °C, V GE = 15 V
tp = 1 ms
tp = 10 µs
tp = 100 µs
tp = 1 µs
Figure 9. Transfer characteristics
IGBT29101520M65FTCH
60
50
40
30
20
10
0
6
7
8
9
10
11
I C
(A)
VGE (V)
VCE = 6 V
TJ = 25 °C
TJ = 175 °C
Figure 10. Diode VF vs forward current
IGBT30101520M65FDVF
2.2
1.8
1.4
1.0
0.6
0.2
0
10
20
30
V F
(V)
I F (A)
T j = -40 °C
T j = 175 °C
T j = 25 °C
Figure 11. Normalized VGE(th) vs junction temperature
IGBT29101520M65FNVGE
1.1
1.0
0.9
0.8
0.7
-50
0
50
100
150
V GE(th)
(Norm.)
T J (°C)
VCE = VGE, IC = 500 μΑ
Figure 12. Normalized V(BR)CES vs junction temperature
IGBT29101520M65FNVBR
1.04
1.0
0.96
0.92
0.88
-50
0
50
100
150
V (BR)CES
(Norm.)
T J(°C)
I
C = 250 µA
STGP20M65DF2
Electrical characteristics (curves)
DS11374 - Rev 3
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com