Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20M65DF2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP20M65DF2
Description  Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20M65DF2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP20M65DF2 Datasheet HTML 3Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 4Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 5Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 6Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 7Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 8Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 9Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 10Page - STMicroelectronics STGP20M65DF2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 13. Capacitance variations
IGBT29101520M65FCVR
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
V CE (V)
f = 1 MHz
C ies
C oes
C res
Figure 14. Gate charge vs gate-emitter voltage
IGBT29101520M65FGCGE
16
12
8
4
0
0
10
20
30
40
50
60
70
VGE
(V)
Qg (nC)
VCC = 520 V, IC = 20 A, IG =1mA
Figure 15. Switching energy vs collector current
IGBT29101520M65FSLC
2.0
1.6
1.2
0.8
0.4
0.0
0
10
20
30
40
E
(mJ)
I C (A)
E tot
E off
E on
VCC = 400 V, RG = 12 Ω,
VGE = 15 V, TJ = 175 °C
Figure 16. Switching energy vs gate resistance
IGBT29101520M65FSLG
2.4
2.0
1.6
1.2
0.8
0.4
0
0
40
80
120
E
(mJ)
RG (Ω)
VCC = 400 V, IC = 20 A, VGE = 15 V, Tj = 175 °C
E tot
E off
E on
Figure 17. Switching energy vs temperature
IGBT29101520M65FSLT
1.0
0.8
0.6
0.4
0.2
0
0
50
100
150
E
(mJ)
T J (°C)
V CC =400 V, I C = 20 A, R g = 12 Ω, V GE = 15 V
E tot
E off
E on
Figure 18. Switching energy vs collector emitter voltage
IGBT29101520M65FSLV
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
150
250
350
450
E
(mJ)
V CE (V)
I C = 20 A, R g = 12 Ω, V GE = 15 V, T j = 175 °C
E tot
E off
E on
STGP20M65DF2
Electrical characteristics (curves)
DS11374 - Rev 3
page 7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com