Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA75H65DFB2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 11Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 12Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 13Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 14Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
TO-247 long leads package information
Figure 31. TO-247 long leads package outline
8463846_2_F
STGWA75H65DFB2
Package information
DS13215 - Rev 2
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com