Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G081CB Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32G081CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM,4x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G081CB Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32G081CB Datasheet HTML 61Page - STMicroelectronics STM32G081CB Datasheet HTML 62Page - STMicroelectronics STM32G081CB Datasheet HTML 63Page - STMicroelectronics STM32G081CB Datasheet HTML 64Page - STMicroelectronics STM32G081CB Datasheet HTML 65Page - STMicroelectronics STM32G081CB Datasheet HTML 66Page - STMicroelectronics STM32G081CB Datasheet HTML 67Page - STMicroelectronics STM32G081CB Datasheet HTML 68Page - STMicroelectronics STM32G081CB Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
DS12231 Rev 4
65/136
STM32G081xB
Electrical characteristics
108
∆IDD(SRAM)
Extra supply
current to
retain SRAM
content(3)
SRAM retention
enabled
1.8 V
0.49
3.0
14.8
0.6
16
58
µA
2.4 V
0.57
3.1
14.9
1.1
17
63
3.0 V
0.67
3.2
15.0
1.5
17
67
3.6 V
0.77
3.3
15.0
1.9
18
71
1. Based on characterization results, not tested in production.
2. Without SRAM retention and with ULPEN bit set
3. To be added to IDD(Standby) as appropriate
Table 30. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
VDD
25°C 85°C 125°C 25°C 85°C
130°C
Table 31. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
RTC
VDD
25 °C 85 °C 125 °C 25 °C 85 °C 130 °C
IDD(Shutdown)
Supply current
in Shutdown
mode
Disabled
1.8 V
17
515
4500
250
3000
32600
nA
2.4 V
23
600
5150
450
3500
33600
3.0 V
33
730
6450
1075
4250
37400
3.6 V
53
940
7700
1250
5300
43600
Enabled, clocked
by LSE bypass at
32.768 kHz
1.8 V
205
710
4700
900
4500
27300
2.4 V
300
890
5500
1550
5500
34800
3.0 V
420
1150
6800
2475
6000
40900
3.6 V
565
1450
8100
3250
7000
48500
1. Based on characterization results, not tested in production.
Table 32. Current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Unit
RTC
VDD
25°C
85°C
125°C
IDD(VBAT)
Supply current in
VBAT mode
Enabled, clocked by
LSE bypass at
32.768 kHz
1.8 V
165
170
620
nA
2.4 V
260
355
970
3.0 V
365
475
1200
3.6 V
505
655
2070
Enabled, clocked by
LSE crystal at
32.768 kHz
1.8 V
290
390
960
2.4 V
370
480
1150
3.0 V
470
600
1650
3.6 V
600
815
2250
Disabled
1.8 V
1
80
660
2.4 V
2
90
750
3.0 V
2
105
1200
3.6 V
6
200
1700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com