Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G081CB Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32G081CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM,4x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G081CB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32G081CB Datasheet HTML 8Page - STMicroelectronics STM32G081CB Datasheet HTML 9Page - STMicroelectronics STM32G081CB Datasheet HTML 10Page - STMicroelectronics STM32G081CB Datasheet HTML 11Page - STMicroelectronics STM32G081CB Datasheet HTML 12Page - STMicroelectronics STM32G081CB Datasheet HTML 13Page - STMicroelectronics STM32G081CB Datasheet HTML 14Page - STMicroelectronics STM32G081CB Datasheet HTML 15Page - STMicroelectronics STM32G081CB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
Description
STM32G081xB
12/136
DS12231 Rev 4
RTC
Yes
Tamper pins
2
Random number generator
Yes
AES
Yes
GPIOs
2326
3044
60
Wakeup pins
4
3
4
3
4
5
12-bit ADC channels
10 ext.
+ 2 int.
9 ext.
+ 2 int.
11 ext.
+ 2 int.
10 ext.
+ 2 int.
14 ext.
+ 3 int.
16 ext.
+ 3 int.
12-bit DAC channels
2
Internal voltage reference buffer
No
Yes
Analog comparators
2
Max. CPU frequency
64 MHz
Operating voltage
1.7 to 3.6 V
Operating temperature(3)
Ambient: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Junction: -40 to 105 °C / -40 to 125 °C / -40 to 130 °C
Number of pins
25
28
32
48
64
1. The numbers in brackets denote the count of SPI interfaces configurable as I2S interface.
2. One port with only one CC line available (supporting limited number of use cases).
3. Depends on order code. Refer to Section 7: Ordering information for details.
Table 2. STM32G081xB family device features and peripheral counts (continued)
Peripheral
STM32G081_
_EB
_GB
_GB
xxN
_KB
_KB
xxN
_CB
_RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com