Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745XI Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32H745XI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745XI Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32H745XI Datasheet HTML 17Page - STMicroelectronics STM32H745XI Datasheet HTML 18Page - STMicroelectronics STM32H745XI Datasheet HTML 19Page - STMicroelectronics STM32H745XI Datasheet HTML 20Page - STMicroelectronics STM32H745XI Datasheet HTML 21Page - STMicroelectronics STM32H745XI Datasheet HTML 22Page - STMicroelectronics STM32H745XI Datasheet HTML 23Page - STMicroelectronics STM32H745XI Datasheet HTML 24Page - STMicroelectronics STM32H745XI Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 252 page
background image
DS12923 Rev 1
21/252
STM32H745xI/G
Functional overview
54
3
Functional overview
3.1
Dual Arm® Cortex® cores
The industrial STM32H745xI/G devices embed two Arm® cores, a Cortex®-M7 and a
Cortex®-M4. The Cortex®-M4 offers optimal performance for real-time applications while the
Cortex®-M7 core can execute high-performance tasks in parallel.
The two cores belong to separate power domains. This allows designing gradual high-
power efficiency solutions in combination with the low-power modes already available on all
STM32 microcontrollers.
3.1.1
Arm® Cortex®-M7 with FPU
The Arm® Cortex®-M7 with double-precision FPU processor is the latest generation of Arm
processors for embedded systems. It was developed to provide a low-cost platform that
meets the needs of MCU implementation, with a reduced pin count and optimized power
consumption, while delivering outstanding computational performance and low interrupt
latency.
The Cortex®-M7 processor is a highly efficient high-performance featuring:
•
Six-stage dual-issue pipeline
•
Dynamic branch prediction
•
Harvard architecture with L1 caches (16 Kbytes of I-cache and 16 Kbytes of D-cache)
•
64-bit AXI interface
•
64-bit ITCM interface
•
2x32-bit DTCM interfaces
The following memory interfaces are supported:
•
Separate Instruction and Data buses (Harvard Architecture) to optimize CPU latency
•
Tightly Coupled Memory (TCM) interface designed for fast and deterministic SRAM
accesses
•
AXI Bus interface to optimize Burst transfers
•
Dedicated low-latency AHB-Lite peripheral bus (AHBP) to connect to peripherals.
The processor supports a set of DSP instructions which allow efficient signal processing and
complex algorithm execution.
It also supports single and double precision FPU (floating point unit) speeds up software
development by using metalanguage development tools, while avoiding saturation.
Figure 1 shows the general block diagram of the STM32H745xI/G family.
Note:
Cortex®-M7 with FPU core is binary compatible with the Cortex®-M4 core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com