Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745II Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 51Page - STMicroelectronics STM32H745II Datasheet HTML 52Page - STMicroelectronics STM32H745II Datasheet HTML 53Page - STMicroelectronics STM32H745II Datasheet HTML 54Page - STMicroelectronics STM32H745II Datasheet HTML 55Page - STMicroelectronics STM32H745II Datasheet HTML 56Page - STMicroelectronics STM32H745II Datasheet HTML 57Page - STMicroelectronics STM32H745II Datasheet HTML 58Page - STMicroelectronics STM32H745II Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 252 page
background image
DS12923 Rev 1
55/252
STM32H745xI/G
Pin descriptions
104
5
Pin descriptions
Figure 6. LQFP144 pinout
MSv43750V3
PE2
1
108
PA15
PE3
2
107
PA14
PE4
3
106
VDD
PE5
4
105
VDDLDO
PE6
5
104
VSS
VSS
6
103
VCAP
VDD
7
102
PA13
VBAT
8
101
PA12
PC13
9
100
PA11
PC14-OSC32_IN
10
99
PA10
PC15-OSC32_OUT
11
98
PA9
VSS
12
97
PA8
VDD
13
96
PC9
VSSSMPS
14
95
PC8
VLXSMPS
15
94
PC7
VDDSMPS
16
93
PC6
VFBSMPS
17
92
VDD
VSS
18
144-pins
91
VDD33USB
VDD
19
90
VDD50USB
PF6
20
89
VSS
PF7
21
88
PG8
PF8
22
87
PG7
PF9
23
86
PG6
PF10
24
85
PD15
PH0-OSC_IN
25
84
PD14
PH1-OSC_OUT
26
83
PD13
NRST
27
82
PD12
PC0
28
81
PD11
PC1
29
80
VSS
PC2_C
30
79
VDD
PC3_C
31
78
PD10
VDD
32
77
PD9
VSS
33
76
PD8
VSSA
34
75
PB15
VREF+
35
74
PB14
VDDA
36
73
PB13
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com