Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745II Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H745II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 12Page - STMicroelectronics STM32H745II Datasheet HTML 13Page - STMicroelectronics STM32H745II Datasheet HTML 14Page - STMicroelectronics STM32H745II Datasheet HTML 15Page - STMicroelectronics STM32H745II Datasheet HTML 16Page - STMicroelectronics STM32H745II Datasheet HTML 17Page - STMicroelectronics STM32H745II Datasheet HTML 18Page - STMicroelectronics STM32H745II Datasheet HTML 19Page - STMicroelectronics STM32H745II Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 252 page
background image
Description
STM32H745xI/G
16/252
DS12923 Rev 1
Table 2. STM32H745xI/G features and peripheral counts
Peripherals
Flash memory in Kbytes
2 x 512 Kbytes
2 x 1 Mbyte
SRAM in
Kbytes
SRAM
mapped
onto AXI bus
512
SRAM1
(D2 domain)
128
SRAM2
(D2 domain)
128
SRAM3
(D2 domain)
32
SRAM4
(D3 domain)
64
TCM RAM in
Kbytes
ITCM RAM
(instruction)
64
DTCM RAM
(data)
128
Backup SRAM (Kbytes)
4
FMC
Yes
General-purpose
input/outputs
97
119/128
148
168
97
119/128
148
168
Quad-SPI
Yes
Ethernet
Yes
Timers
High-
resolution
1
General-
purpose
10
Advanced-
control
(PWM)
2
Basic
2
Low-power
5
Wakeup pins
Tamper pins
4
2
6
3
4
2
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com