Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753II Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32H753II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753II Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32H753II Datasheet HTML 16Page - STMicroelectronics STM32H753II Datasheet HTML 17Page - STMicroelectronics STM32H753II Datasheet HTML 18Page - STMicroelectronics STM32H753II Datasheet HTML 19Page - STMicroelectronics STM32H753II Datasheet HTML 20Page - STMicroelectronics STM32H753II Datasheet HTML 21Page - STMicroelectronics STM32H753II Datasheet HTML 22Page - STMicroelectronics STM32H753II Datasheet HTML 23Page - STMicroelectronics STM32H753II Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 361 page
background image
Description
STM32H753xI
20/360
DS12117 Rev 8
Communication
interfaces
SPI / I2S
6/3(2)
I2C
4
USART/UART/
LPUART
4/4
/1
SAI
4
SPDIFRX
4 inputs
SWPMI
Yes
MDIO
Yes
SDMMC
2
FDCAN/TT-
FDCAN
1/1
USB OTG_FS
Yes
USB OTG_HS
Yes
Ethernet and camera interface
Yes
LCD-TFT
Yes
JPEG Codec
Yes
Chrom-ART Accelerator (DMA2D)
Yes
16-bit ADCs
Number of Direct channels
Number of Fast channels
Number of Slow channels
3
2
3
11
2
9
17
2
9
21
4
9
23
12-bit DAC
Number of channels
Yes
2
Comparators
2
Operational amplifiers
2
DFSDM
Yes
Maximum CPU frequency
480MHz(3)(4)/400 MHz
Operating voltage
1.71 to
3.6 V(5)
1.62 to 3.6 V(6)
Operating temperatures
Ambient temperatures: –40 up to +85 °C(7)
Junction temperature: –40 to + 125 °C
Package
LQFP100
TFBGA100
LQFP144
UFBGA169
LQFP176
UFBGA176+
25
LQFP208
TFBGA240+
25
1. SDRAM is not available on LQFP144 package.
2. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio
mode.
3. The maximum CPU frequency of 480 MHz can be obtained on devices revision V.
Table 2. STM32H753xI features and peripheral counts (continued)
Peripherals
STM32H753
VI
STM32H753
ZI
STM32H753
AI
STM32H753
II
STM32H753
BI
STM32H753
XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com