Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753AI Datasheet(PDF) 356 Page - STMicroelectronics

Part # STM32H753AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753AI Datasheet(HTML) 356 Page - STMicroelectronics

Back Button STM32H753AI Datasheet HTML 352Page - STMicroelectronics STM32H753AI Datasheet HTML 353Page - STMicroelectronics STM32H753AI Datasheet HTML 354Page - STMicroelectronics STM32H753AI Datasheet HTML 355Page - STMicroelectronics STM32H753AI Datasheet HTML 356Page - STMicroelectronics STM32H753AI Datasheet HTML 357Page - STMicroelectronics STM32H753AI Datasheet HTML 358Page - STMicroelectronics STM32H753AI Datasheet HTML 359Page - STMicroelectronics STM32H753AI Datasheet HTML 360Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 361 page
background image
DS12117 Rev 8
355/360
STM32H753xI
Revision history
359
18-May-2018
4
(continued)
Updated Figure 21: VIL/VIH for all I/Os except BOOT0.
Added note in Table 83: QUADSPI characteristics in SDR mode, Table 84:
QUADSPI characteristics in DDR mode and Table 85: Dynamics characteristics:
Delay Block characteristics.
Section 6.3.20: 16-bit ADC characteristics: updated THD conditions in Table 87:
ADC accuracy; removed formula to compute RAIN.
Changed decoupling capacitor value to 100 nF in Section : General PCB design
guidelines.
Added note in Table 88: DAC characteristics, Table 96: Voltage booster for analog
switch characteristics, Table 99: DFSDM measured timing - 1.62-3.6 V, Table 116:
Dynamics JTAG characteristics and Table 117: Dynamics SWD characteristics.
Updated Figure 127: LQFP144 marking example (package top view), Figure 133:
LQFP176 marking example (package top view) and Figure 136: LQFP208 marking
example (package top view).
Updated TFBGA240+25 package information to final mechanical data.
13-Jul-2018
5
Added description of power-up and power-down phases in Section 3.5.1: Power
supply scheme.
Removed ETH_TX_ER from Table 8: Pin/ball definition and Table 9: Port A alternate
functions to Table 19: Port K alternate functions.
Added note related to decoupling capacitor tolerance below Figure 14: Power supply
scheme.
Added note 2. related to CEXT in Table 24: VCAP operating conditions.
Updated Table 45: HSI48 oscillator characteristics, Table 46: HSI oscillator
characteristics and Table 47: CSI oscillator characteristics.
Renamed Table 49 into “PLL characteristics (wide VCO frequency range)” and
updated note 2.. Added Table 50: PLL characteristics (medium VCO frequency
range).
Updated Tcoeff in Table 90: VREFBUF characteristics.
Updated tS_vbat in Table 93: VBAT monitoring characteristics.
Updated Table 98: OPAMP characteristics.
Table 230. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com