Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753AI Datasheet(PDF) 357 Page - STMicroelectronics

Part # STM32H753AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753AI Datasheet(HTML) 357 Page - STMicroelectronics

Back Button STM32H753AI Datasheet HTML 353Page - STMicroelectronics STM32H753AI Datasheet HTML 354Page - STMicroelectronics STM32H753AI Datasheet HTML 355Page - STMicroelectronics STM32H753AI Datasheet HTML 356Page - STMicroelectronics STM32H753AI Datasheet HTML 357Page - STMicroelectronics STM32H753AI Datasheet HTML 358Page - STMicroelectronics STM32H753AI Datasheet HTML 359Page - STMicroelectronics STM32H753AI Datasheet HTML 360Page - STMicroelectronics STM32H753AI Datasheet HTML 361Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 357 / 361 page
background image
Revision history
STM32H753xI
356/360
DS12117 Rev 8
05-Apr-2019
6
Changed maximum Arm Core-M7 frequency to 480 MHz.
Features:
– Changed operational amplifier bandwidth to 7.3 MHz
– Updated high-resolution timer to 2.1 ns
– Updated low-power consumption feature
Changed FMC NOR/NAND maximum clock frequency to 100 MHz in Features and
Synchronous waveforms and timings.
Updated voltage scaling in Section 3.5.1: Power supply scheme. Added VOS0 in
Section 3.5.3: Voltage regulator.
Updated HSE clock in Section 3.7.1: Clock management.
Added note related to VDDLDO in Table 8: Pin/ball definition.
Updated Section 6: Electrical characteristics (rev Y):
– Added note 2. related to CEXT in Table 24: VCAP operating conditions
– Updated fHSI48 in Table 45: HSI48 oscillator characteristics.
– Updated tstab in Table 46: HSI oscillator characteristics.
– Added Table 61: Output voltage characteristics for PC13, PC14, PC15 and PI8.
– Updated Table 59: I/O static characteristics and Figure 21: VIL/VIH for all I/Os
except BOOT0.
– Added note related to PC13, PC14, PC15 an PI8 limited frequency in Table 62:
Output timing characteristics (HSLV OFF).
– Updated note 2 below Figure 22: Recommended NRST pin protection.
– Table 86: ADC characteristics: updated fS and added note related to fS formula;
updated tCAL.
– Renamed Section 6.3.24 into Temperature and VBAT monitoring and content
updated.
– Updated fDFSDMCLK in Table 99: DFSDM measured timing - 1.62-3.6 V.
Added Section 7: Electrical characteristics (rev V).
Section 8: Package information:
– Updated paragraph introducing all package marking schematics to add the new
sentence “The printed markings may differ depending on the supply chain.”
– Added Section : Device marking for TFBGA100 and Section : Device marking for
UFBGA169.
– Updated Table 229: Thermal characteristics.
Added note related to ECOPACK®2 compliance in Table 9: Ordering information.
24-Apr-2019
7
Updated Figure 1: STM32H753xI block diagram
Updated Table 8: Pin/ball definition.
Updated Table 9 to Table 19 (alternate functions).
Updated Table 38: Peripheral current consumption in Run mode.
Updated Table 136: Peripheral current consumption in Run mode.
Updated Table 183: ADC characteristics.
Updated Table 184: Minimum sampling time vs RAIN.
Updated Table 185: ADC accuracy.
Table 230. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com