Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS2205 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 9Page - Texas Instruments TLS2205 Datasheet HTML 10Page - Texas Instruments TLS2205 Datasheet HTML 11Page - Texas Instruments TLS2205 Datasheet HTML 12Page - Texas Instruments TLS2205 Datasheet HTML 13Page - Texas Instruments TLS2205 Datasheet HTML 14Page - Texas Instruments TLS2205 Datasheet HTML 15Page - Texas Instruments TLS2205 Datasheet HTML 16Page - Texas Instruments TLS2205 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
13
PRINCIPLES OF OPERATION
spindle-driver system (continued)
For active braking, all the spindle low-side drivers are disabled and the high-side drivers are enabled, thereby
shorting out the spindle windings at or near the supply voltage, SPNVCC.
spindle commutation
Hall- or back-EMF-spindle commutation is selected from serial port C. See the port-C system control bit
definitions in Table 6 for additional information.
Hall mode
In the Hall mode, the spindle position information is input to the TLS2205 via the HU, HV, and HW logic input
terminals. Start current can be controlled with the internal 8-bit DAC, which is normally used to control the VCM
current or the internal charge pump. If the DAC option is selected, the VCM driver is normally disabled during
spindle start for power conservation. In either case, the spindle motor starts without microprocessor
intervention.
back-EMF mode
For the back-EMF mode, the system microprocessor is used in conjunction with the TLS2205 internal circuitry
to start the spindle motor.
Start current is controlled the same way as in the Hall mode by using the DAC. Two schemes can be used to
start commutation in the back-EMF mode. The first scheme is to use AUXIN; this method requires a pulse
generated from the microprocessor as an input signal to AUXIN. Various frequencies and start currents are used
to start the spindle motor. The second scheme is to use the COMM bit (bit 4) in port C. This method requires
the microprocessor to write to port C to change the state of bit 4. For every 1-to-0 state change of
bit 4, the spindle inverters advance one state. Different frequencies and start currents are used to start the
spindle motor. Once the motor has reached approximately 10% of its rated speed, the TLS2205 may be switched
into the run mode via port C.
Figure 4 shows the TLS2205 commutation delay circuit and the required external components.
_
+
_
+
2 V
100 mV
NHphase
COMDLY 2
Vref
Rcom2
Ccom2
Ccom1
Rcom1
COMDLY 2
VPHASE
Figure 4. Commutation Delay Circuit
This circuit is composed of an operational amplifier (OPA) followed by a hysteresis comparator. The TLS2205
spindle inverter is advanced for every transition of the NHphase signal. The transition of NHphase occurs every
time the COMDLY2 signal crosses the common-mode reference, Vref. The required external components are
defined as:
Rcom1
– Integrator gain-set resistor
Ccom1
– DC-blocking capacitor
Rcom2
– Integrator dc-set resistor
Ccom2
– Integrator gain-set capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com