Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS2205 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 17Page - Texas Instruments TLS2205 Datasheet HTML 18Page - Texas Instruments TLS2205 Datasheet HTML 19Page - Texas Instruments TLS2205 Datasheet HTML 20Page - Texas Instruments TLS2205 Datasheet HTML 21Page - Texas Instruments TLS2205 Datasheet HTML 22Page - Texas Instruments TLS2205 Datasheet HTML 23Page - Texas Instruments TLS2205 Datasheet HTML 24Page - Texas Instruments TLS2205 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
21
port and data-bit definitions
The TLS2205 incorporates three programmable ports that must be programmed via the serial port (SCLK,
SDATA, and SPSZ). ID0 must be the first bit shifted into the register; after 15 shifts, the following occurs:
1.
If ID0 = 0 and ID1 = 0, the TLS2205 is selected (see Table 2) and the rest of the data is processed.
2.
PT0 and PT1 determine which port is selected (see Table 3).
3.
The 16 bits of data are serially loaded into the serial port register.
4.
The selected port is loaded with all 16 bits of data. Port A controls the VCM (see Table 4), port B controls
the spindle motor (see Table 5), and port C controls the device functions (see Table 6).
Table 2. Device Select
DEVICE SELECT
ID1
ID0
DESCRIPTION
Chip selected
0
0
The TLC2205 serial port is selected.
0
1
Chip not selected
1
0
1
1
Table 3. Port Selection
PORT SELECT
PT1
PT0
DESCRIPTION
No port
0
0
Null
A
0
1
VCM port A
B
1
0
Spindle-speed port B
C
1
1
System control port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com