Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3430 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MSP3430
Description  Multistandard Sound Processor Family
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSP3430 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MSP3430 Datasheet HTML 17Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 18Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 19Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 20Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 21Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 22Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 23Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 24Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
PRELIMINARY DATA SHEET
MSP 34x0G
Micronas
21
3.3.2. Description of User Registers
Table 3–7: Standard Codes for STANDARD SELECT register
MSP Standard Code
(Data in hex)
TV Sound Standard
Sound Carrier
Frequencies in MHz
MSP 34x0G Version
Automatic Standard Detection
00 01
Start Automatic Standard Detection and
sets detected standards
all
Standard Selection
00 02
M-Dual FM-Stereo
4.5/4.724212
3400, -10, -20, -40, -50
00 03
B/G -Dual FM-Stereo1)
5.5/5.7421875
3400, -10, -50
00 04
D/K1-Dual FM-Stereo2)
6.5/6.2578125
00 05
D/K2-Dual FM-Stereo2)
6.5/6.7421875
00 06
D/K -FM-Mono with HDEV33), not detectable by Automatic
Standard Detection,
HDEV33) SAT-Mono (i.e. Eutelsat, s. Table 6–18)
6.5
00 07
D/K3-Dual FM-Stereo
6.5/5.7421875
00 08
B/G -NICAM-FM1)
5.5/5.85
3410, -50
00 09
L -NICAM-AM
6.5/5.85
00 0A
I -NICAM-FM
6.0/6.552
00 0B
D/K -NICAM-FM2)
6.5/5.85
00 0C
D/K -NICAM-FM with HDEV24), not detectable by Automatic
Standard Detection, for China
6.5/5.85
00 0D
D/K -NICAM-FM with HDEV33), not detectable by Automatic
Standard Detection, for China
6.5/5.85
00 20
BTSC-Stereo
4.5
3420, -40, -50
00 21
BTSC-Mono
+ SAP
00 30
M-EIA-J Japan Stereo
4.5
00 40
FM-Stereo Radio with 75
µs Deemphasis
10.7
00 50
SAT-Mono (s. Table 6–18)
6.5
3400, -10, -50
00 51
SAT-Stereo (s. Table 6–18)
7.02/7.20
00 60
SAT ADR (Astra Digital Radio)
6.12
1) In case of Automatic Sound Select, the B/G-codes 3
hex and 8hex are equivalent.
2) In case of Automatic Sound Select, the D/K-codes 4
hex, 5hex, 7hex and Bhex are equivalent.
3) HDEV3: Max. FM deviation must not exceed 540 kHz
4) HDEV2: Max. FM deviation must not exceed 360 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com