Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3430 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MSP3430
Description  Multistandard Sound Processor Family
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSP3430 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MSP3430 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 9Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 10Page - List of Unclassifed Manufacturers MSP3430 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
PRELIMINARY DATA SHEET
MSP 34x0G
Micronas
7
1.3. MSP 34x0G Versions and their Application Fields
Table 1–1 provides an overview of TV sound standards
that can be processed by the MSP 34x0G family. In
addition, the MSP 34x0G is able to handle the FM-
Radio standard. With the MSP 34x0G, a complete
multimedia receiver covering all TV sound standards
together with terrestrial/cable and satellite radio sound
can be built; even ASTRA Digital Radio can be pro-
cessed (with a DRP 3510A coprocessor).
Fig. 1–2: Typical MSP 34x0G application
Table 1–1: TV Stereo Sound Standards covered by the MSP 34x0G IC Family (details see Appendix A)
MSP Version
TV-
System
Position of Sound
Carrier /MHz
Sound
Modulation
Color
System
Broadcast e.g. in:
B/G
5.5/5.7421875
FM-Stereo (A2)
PAL
Germany
5.5/5.85
FM-Mono/NICAM
PAL
Scandinavia, Spain
L
6.5/5.85
AM-Mono/NICAM
SECAM-L
France
I
6.0/6.552
FM-Mono/NICAM
PAL
UK, Hong Kong
D/K
6.5/6.2578125
FM-Stereo (A2, D/K1)
SECAM-East
Slovak. Rep.
6.5/6.7421875
FM-Stereo (A2, D/K2)
PAL
currently no broadcast
6.5/5.7421875
FM-Stereo (A2, D/K3)
SECAM-East
Poland
6.5/5.85
FM-Mono/NICAM (D/K, NICAM)
PAL
China, Hungary
Satellite
6.5
7.02/7.2
7.38/7.56
etc.
FM-Mono
FM-Stereo
ASTRA Digital Radio (ADR)
with DRP 3510A
PAL
Europe Sat.
ASTRA
M/N
4.5/4.724212
FM-Stereo (A2)
NTSC
Korea
4.5
FM-FM (EIA-J)
NTSC
Japan
4.5
BTSC-Stereo
+ SAP
NTSC, PAL
USA, Argentina
FM-Radio
10.7
FM-Stereo Radio
USA, Europe
3460
all Standards as above but Mono demodulation only.
33
34 39 MHz
4.5 9 MHz
Loudspeaker
Subwoofer
Headphone
SCART
Outputs
2
2
SCART2
SCART1
MSP 34x0G
I2S2
ADR
I2S1
ADR
Decoder
DRP 3510A
Dolby
Pro Logic
Processor
DPL 351xA
2
2
2
2
SCART1
SCART2
SCART3
SCART4
1
Mono
SAW Filter
Sound
IF
Mixer
Vision
Demo-
dulator
Tuner
SCART
Inputs
Composite
Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com