Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP800 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CP800
Description  SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP800 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CP800 Datasheet HTML 1Page - Pan Jit International Inc. CP800 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP800 THRU CP808
SINGLE-PHASE SILICON BRIDGE
VOLTAGE - 50 to 800 Volts
CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A
Recongnized File #E111753
FEATURES
l
Surge overload rating—200 Amperes peak
l
Low forward voltage drop and reverse leakage
l
Small size, simple installation
l
Plastic package has Underwriter Laboratory
Flammability Classification 94V-O
l
Reliable low cost construction utilizing molded
plastic technique
MECHANICAL DATA
Mounting position: Any
Weight: 0.24 ounce, 6.9 grams
Terminals: Leads solderable per MIL-STD-202,
Method 208
Mounting torque: Thro hole for #6 screw
MACXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
At 25 ¢J ambient temperature unless otherwise noted; resistive or inductive load at 60Hz .
CP800
CP801
CP802
CP804
CP806
CP808
UNITS
Max Recurrent Peak Reverse Voltage
50
100
200
400
600
800
V
Max Bridge Input Voltage RMS
35
70
140
280
420
560
V
Max Average Rectified Output at TC=50 ¢J *
See Fig. 2
at TA=40 ¢J **
8.0
3.0
A
A
Peak One Cycle Surge Overload Current
200
A
Max Forward Voltage Drop per element at
4.0A DC & 25 ¢J . See Fig. 3
1.1
V
Max Rev Leakage at rated Dc Blocking
Voltage per element at 25 ¢J
See Fig 4
at100 ¢J
10.0
1.0
£g A
mA
I
2t Rating for fusing ( t<8.3ms)
166
A
2Sec
Typical junction capacitance per leg (Note 4) CJ
200
PF
Typical Thermal Resistance per leg (Note 3) R £KJA
Typical Thermal Resistance per leg (Note 2) R £KJL
21
6
¢J /W
Operating Temperature Range
-55 TO +125
¢J
Storage Temperature Range
-55 TO +150
¢J
NOTES:
1.
Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface
for maximum heat transfer with #6 screw.
2.
Units Mounted on a 8.6”¡Ñ 8.6” ¡Ñ 24” thick (22 ¡Ñ 22 ¡Ñ 0.6cm) AL plate heatsink.
3.
Units Mounted on P.C.B at 0.375”(9.5mm) lead length with 0.5 ¡Ñ 0.5”(12 ¡Ñ 12mm)copper pads.
4.
Measured at 1.0MHZ and applied reverse voltage.
CP-8


Similar Part No. - CP800

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
More results

Similar Description - CP800

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
CP300 PANJIT-CP300 Datasheet
62Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
KBU4A PANJIT-KBU4A Datasheet
54Kb / 2P
SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
KBU6A PANJIT-KBU6A Datasheet
124Kb / 2P
SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
KBU8A PANJIT-KBU8A Datasheet
55Kb / 2P
SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Microchip Technology
MTG-12864A MICROCHIP-MTG-12864A Datasheet
91Kb / 1P
MTG-12864A
logo
List of Unclassifed Man...
MTG-12232C ETC1-MTG-12232C Datasheet
72Kb / 1P
MTG-12232C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com