Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP800 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # CP800
Description  SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP800 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  CP800 Datasheet HTML 1Page - Pan Jit International Inc. CP800 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
CP800 THRU CP808
200
160
120
80
40
0
1
2
6
10
20
40
60
100
T
A = 105 ¢J
NO. OF CYCLES AT 60Hz
10
8
6
4
2
0
0
50
100
150
METAL HEATSINK
P.C. BOARD
(T
C)
(TA)
AMBIENT TEMPERATURE, ¢J
Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
5
4
3
2
1
.9
.8
.7
.5
.3
.2
.1
.07
.05
.03
.02
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TYPICAL
DISTRIBUTION
MEDIAN
INSTANTANEOUS FWD VOLTAGE, VOLTS
100
10
1
0
0
20
40
60
80
100
120
140
25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL FORWARD CHARACTERISTICS(25 ¢J)
Fig. 4-REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com