Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88195P Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88195P Datasheet HTML 1Page - ASIX Electronics Corporation AX88195P Datasheet HTML 2Page - ASIX Electronics Corporation AX88195P Datasheet HTML 3Page - ASIX Electronics Corporation AX88195P Datasheet HTML 4Page - ASIX Electronics Corporation AX88195P Datasheet HTML 5Page - ASIX Electronics Corporation AX88195P Datasheet HTML 6Page - ASIX Electronics Corporation AX88195P Datasheet HTML 7Page - ASIX Electronics Corporation AX88195P Datasheet HTML 8Page - ASIX Electronics Corporation AX88195P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date : Oct/02/1998
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88195P
10/100BASE Fast Ethernet MAC Controller
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
Document No.: AX195-17 / V1.7 / May. 12 ’00
Features
•
IEEE 802.3u 100BASE-T, TX, and T4 Compatible
•
Single chip local CPU bus 10/100Mbps Fast
Ethernet MAC Controller
•
NE2000 register level compatible instruction
•
Support both 8 bit and 16 bit local CPU interfaces
include MCS-51 series, 80186 series and MC68K
series CPU
•
Support both 10Mbps and 100Mbps data rate
•
Support both full-duplex or half-duplex operation
•
Provides a MII port for both 10/100Mbps operation
•
Support EEPROM interface to store MAC address
•
External and internal loop-back capability
•
Two
external
32K*8
Asynchronous
SRAMs
required for packet buffer
•
128-pin LQFP low profile package
•
25MHz Operation, Dual 5V and 3.3V CMOS
process with 5V I/O tolerance. Or pure 3.3V
operation
*IEEE is a registered trademark of the Institute of Electrical and Electronic
Engineers, Inc.
*All other trademarks and registered trademark are the property of their
respective holders.
Product description
The AX88195 Fast Ethernet Controller is a high performance and highly integrated local CPU bus Ethernet Controller.
The AX88195 supports both 8 bit and 16 bit local CPU interfaces include MCS-51 series, 80x86 series, MC68K series
CPU and ISA bus. The AX88195 implements both 10Mbps and 100Mbps Ethernet function based on IEEE802.3 /
IEEE802.3u LAN standard and supports both 10Mbps/100Mbps media-independent interface (MII) to simplify the
design. Two low cost 32k*8 SRAM is required for packet buffer.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No liability
is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88195
AD BUS
Addr L
Addr H
Ctl BUS
BUFFER
SRAM
PHY/TxRx
RJ45


Similar Part No. - AX88195P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
AX88190AL ETC-AX88190AL Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
logo
ASIX Electronics Corpor...
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88196 ASIX-AX88196 Datasheet
594Kb / 42P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
More results

Similar Description - AX88195P

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
ASIX Electronics Corpor...
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
Fast Ethernet MAC Controller
AX88196L ASIX-AX88196L Datasheet
594Kb / 42P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
logo
ASIX Electronics Corpor...
AX88141 ASIX-AX88141 Datasheet
297Kb / 43P
100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
10/100BASE PCMCIA Fast Ethernet MAC Controller
logo
XFMRS Inc.
2024 XFMRS-2024_15 Datasheet
61Kb / 1P
100BASE-T4 Fast Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com