Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FLJ-HKP Datasheet(PDF) 7 Page - Hirose Electric

Part # C.FLJ-HKP
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FLJ-HKP Datasheet(HTML) 7 Page - Hirose Electric

  C.FLJ-HKP Datasheet HTML 1Page - Hirose Electric C.FLJ-HKP Datasheet HTML 2Page - Hirose Electric C.FLJ-HKP Datasheet HTML 3Page - Hirose Electric C.FLJ-HKP Datasheet HTML 4Page - Hirose Electric C.FLJ-HKP Datasheet HTML 5Page - Hirose Electric C.FLJ-HKP Datasheet HTML 6Page - Hirose Electric C.FLJ-HKP Datasheet HTML 7Page - Hirose Electric C.FLJ-HKP Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
C.FL Series0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
Usage Precautions
 1. Plug
(1) Mating / un-mating
①To un-mate, use the extraction tool X.FL-LP-IN.OUT as shown in the following figure.
[How to un-mate a plug]
Do not un-mate a connector by pulling the cable as it may cause damage to the
connector.
②To mate a connector, use the mating side of the plug mating and unmating tool
X.FL-LPIN. OUT. Align the mating axes between both connectors and check that
the shell is properly aligned. The connector should be inserted perpendicularly as
much as possible. (See the following figure)
(2) Pull forces on the cable
after connectors are mated
Once the connector is mated, do not apply a load to the cable in excess of the values
indicated in the figure below.
Be careful when lifting the cable as it may add a load or cause unmating.
It is recommended to place buffer on the plug when wiring in a direction that causes the
cable to lift. (See figure below)
Buffer
(3)
Precautions
Do not mate or unmate a connector with an excessive force as it may damage the
connector.
X.FL(V)-LP-IN.OUT
2N Max.
C.FL-R-SMT-1
C.FL-LP(P)-044



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com