Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C.FLJ-HKP Datasheet(PDF) 8 Page - Hirose Electric

Part # C.FLJ-HKP
Description  0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

C.FLJ-HKP Datasheet(HTML) 8 Page - Hirose Electric

  C.FLJ-HKP Datasheet HTML 1Page - Hirose Electric C.FLJ-HKP Datasheet HTML 2Page - Hirose Electric C.FLJ-HKP Datasheet HTML 3Page - Hirose Electric C.FLJ-HKP Datasheet HTML 4Page - Hirose Electric C.FLJ-HKP Datasheet HTML 5Page - Hirose Electric C.FLJ-HKP Datasheet HTML 6Page - Hirose Electric C.FLJ-HKP Datasheet HTML 7Page - Hirose Electric C.FLJ-HKP Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
C.FL Series0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
 2. Receptacle
(1) Recommended reflow
temperature profile
[reference]
1. The temperatures indicated are the surface temperatures on the printed circuit board
at the points of contact with the terminals.
2. Reflow soldering should be performed at peak temperature of 250°C or less at the
surface of the printed circuit board.
3. The temperature profile varies depending on conditions such as the size of the printed
circuit board, the solder paste type, and solder thickness.
(2) Recommended metal
mask thickness
0.1mm
(3) Reflow cycles
2 times
 3. Operating Environment and Storage Conditions
(1)
Operating environment
This product was designed under the assumption that it would be used in a normal
operating environment. Use of this connector under adverse environmental conditions
such as those described below is not advised and may lead to discoloration or other
kinds of degradation.
・Regions having exposure to excessive amounts of fine particles and dust
・Areas with high densities of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other
corrosive gases. (e.g., exhaust gas from automobiles or factories)
・Environments having a large difference in temperature, such as near a heater.
(2)
Storage conditions
Store the product in Hirose Electric's packaging or similar packaging conditions.
Temperature : -10 to +40°C, humidity : 85% or less (recommended storage conditions)
Use the product within six months from delivery.
Products for which the storage period has expired must be tested for solderability
before the use.
Soldering profile for lead free solder (reference)
250
230
220
200
180
130
100
50
0
10 sec. or less
120 seconds or less
Preheat time
50 seconds or less
60 seconds or less
Soldering time
Time (seconds)
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 01/2022. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
https://www.hirose.com/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com