Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF12 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STNRGPF12
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STNRGPF12 Datasheet HTML 18Page - STMicroelectronics STNRGPF12 Datasheet HTML 19Page - STMicroelectronics STNRGPF12 Datasheet HTML 20Page - STMicroelectronics STNRGPF12 Datasheet HTML 21Page - STMicroelectronics STNRGPF12 Datasheet HTML 22Page - STMicroelectronics STNRGPF12 Datasheet HTML 23Page - STMicroelectronics STNRGPF12 Datasheet HTML 24Page - STMicroelectronics STNRGPF12 Datasheet HTML 25Page - STMicroelectronics STNRGPF12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
5
Electrical characteristics
5.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS. VDDA and VDD must be connected to the same
voltage value. VSS and VSSA must be connected together with the shortest wire loop.
5.1.1
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed in the worst conditions of ambient
temperature, supply voltage and frequencies by tests in production on 100% of the devices with the ambient
temperature at TA = 25 °C and TA = TA max. (given by the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics are indicated
according to each table’s specific notes and are not tested in production.
5.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25 °C, VDD and VDDA = 3.3 V. They are given only as
design guidelines and are not tested. For the measurement section the accuracy is determined by
characterization of a batch of samples from a standard diffusion lot over the full temperature range.
5.1.3
Typical curves
Unless otherwise specified, all typical curves are given as design guidelines only and are not tested.
5.1.4
Typical current consumption
For typical current consumption measurements, VDD and VDDA are connected as shown in Figure 22
Figure 22. Supply current measurement conditions
5.1.5
Loading capacitors
The loading conditions used for pin parameter measurement are shown in Figure 23.
STNRGPF02, STNRGPF12
Electrical characteristics
DS12895 - Rev 2
page 22/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com