Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF12 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STNRGPF12
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF12 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STNRGPF12 Datasheet HTML 27Page - STMicroelectronics STNRGPF12 Datasheet HTML 28Page - STMicroelectronics STNRGPF12 Datasheet HTML 29Page - STMicroelectronics STNRGPF12 Datasheet HTML 30Page - STMicroelectronics STNRGPF12 Datasheet HTML 31Page - STMicroelectronics STNRGPF12 Datasheet HTML 32Page - STMicroelectronics STNRGPF12 Datasheet HTML 33Page - STMicroelectronics STNRGPF12 Datasheet HTML 34Page - STMicroelectronics STNRGPF12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Table 12. NRST pin characteristics
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
VIL(NRST)
NRST input low level voltage(1)
-0.3
0.3 x VDD
V
VIH(NRST)
NRST input high level voltage(1)
0.7 x VDD
VDD + 0.3
VOL(NRST)
NRST output low level voltage(1)
IOL= 2 mA
0.5
RPU(NRST)
NRST pull-up resistor (2)
30
40
60
kΩ
tIFP(NRST)
NRST input filtered pulse (3)
75
ns
tINFP(NRST)
NRST not input filtered pulse(3)
500
tOP(NRST)
NRST output filtered pulse(3)
15
µs
1. Data based on characterization results, not tested in production.
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
3. Data guaranteed by design, not tested in production.
5.4
Analog input characteristics
5.4.1
Measurement section
Subject to general operating conditions for VDDA and TA unless otherwise specified.
It applies to the [MI] class.
Table 13. Measurement pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RIN
Input impedance
-
1
-
-
M
VIN
Measurement range
-
0
-
1.25(1)
V
Vref
Measure reference voltage(2)
-
-
1.25
1. Maximum input analog voltage cannot exceed VDDA.
2. Reference voltage at TA = 25 °C.
5.4.2
Analog section
In Table 14. Analog comparator characteristicss are reported.
It applies to the [AI] class.
STNRGPF02, STNRGPF12
Analog input characteristics
DS12895 - Rev 2
page 31/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com