Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP1806 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP1806
Description  N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1806 Datasheet(HTML) 1 Page - STMicroelectronics

  STP1806 Datasheet HTML 1Page - STMicroelectronics STP1806 Datasheet HTML 2Page - STMicroelectronics STP1806 Datasheet HTML 3Page - STMicroelectronics STP1806 Datasheet HTML 4Page - STMicroelectronics STP1806 Datasheet HTML 5Page - STMicroelectronics STP1806 Datasheet HTML 6Page - STMicroelectronics STP1806 Datasheet HTML 7Page - STMicroelectronics STP1806 Datasheet HTML 8Page - STMicroelectronics STP1806 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
November 2004
STP1806
N-CHANNEL 60V - 0.015
W - 50A TO-220
STripFET™ POWER MOSFET
Rev.0.1
■
TYPICAL RDS(on) = 0.015
W
■
EXCEPTIONAL dv/dt CAPABILITY
■
100% AVALANCHE TESTED
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility.
APPLICATIONS
■
HIGH CURRENT, HIGH SWITCHING SPEED
■
MOTOR CONTROL
■
DC-DC & DC-AC CONVERTERS
■
AUTOMOTIVE
Ordering Information
TYPE
VDSS
RDS(on)
ID
STP1806
60 V
< 0.018
W
50 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP1806
P1806
TO-220
TUBE
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
(
œ) Pulse width limited by safe operating area.
(1) ISD
ˆ50A, di/dt ˆ400A/µs, VDD ˆ V(BR)DSS, Tj ˆ TJMAX
(2) Starting Tj = 25 oC, ID = 25A, VDD = 30V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 k
W)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
50
A
ID
Drain Current (continuous) at TC = 100°C
35
A
IDM(
œ)
Drain Current (pulsed)
200
A
Ptot
Total Dissipation at TC = 25°C
110
W
Derating Factor
0.73
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
7
V/ns
EAS (2)
Single Pulse Avalanche Energy
350
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP1806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP180N10F3 STMICROELECTRONICS-STP180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
logo
Inchange Semiconductor ...
STP180N10F3 ISC-STP180N10F3 Datasheet
199Kb / 2P
N-Channel MOSFET Transistor
logo
STMicroelectronics
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP180N55 STMICROELECTRONICS-STP180N55 Datasheet
178Kb / 11P
N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
03-Jan-2006
logo
Inchange Semiconductor ...
STP180N55 ISC-STP180N55 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP1806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STB55NF06 STMICROELECTRONICS-STB55NF06 Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
May-1999
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
STB55NF06 STMICROELECTRONICS-STB55NF06_06 Datasheet
543Kb / 18P
N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
STMicroelectronics
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com