Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HBU71 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32W108HBU71
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HBU71 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32W108HBU71 Datasheet HTML 9Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 10Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 11Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 12Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 13Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 14Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 15Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 16Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Description
Doc ID 16252 Rev 14
13/278
The STM32W108 has an ultra low power, deep sleep state with a choice of clocking modes.
The sleep timer can be clocked with either the external 32.768 kHz crystal oscillator or with
a 1 kHz clock derived from the internal 10 kHz LSI RC oscillator. Alternatively, all clocks can
be disabled for the lowest power mode. In the lowest power mode, only external events on
GPIO pins will wake up the chip. The STM32W108 has a fast startup time (typically 100 µs)
from deep sleep to the execution of the first ARM® Cortex-M3 instruction.
The STM32W108 contains three power domains. The always-on high voltage supply powers
the GPIO pads and critical chip functions. Regulated low voltage supplies power the rest of
the chip. The low voltage supplies are be disabled during deep sleep to reduce power
consumption. Integrated voltage regulators generate regulated 1.25 V and 1.8 V voltages
from an unregulated supply voltage. The 1.8 V regulator output is decoupled and routed
externally to supply analog blocks, RAM, and Flash memories. The 1.25 V regulator output
is decoupled externally and supplies the core logic.
The digital section of the receiver uses a coherent demodulator to generate symbols for the
hardware-based MAC. The digital receiver also contains the analog radio calibration
routines and controls the gain within the receiver path.
In addition to 2 general-purpose timers, the STM32W108 also contains a watchdog timer to
ensure protection against software crashes and CPU lockup, a 32-bit sleep timer dedicated
to system timing and waking from sleep at specific times and an ARM® standard system
event timer in the NVIC.
The STM32W108 integrates hardware support for a Packet Trace module, which allows
robust packet-based debug.
Note:
The STM32W108 is not pin-compatible with the previous generation chip, the SN250,
except for the RF section of the chip. Pins 1-11 and 45-48 are compatible, to ease migration
to the STM32W108.
1.2.2
ARM® Cortex™-M3 core
The STM32W108 integrates the ARM® Cortex™-M3 microprocessor, revision r1p1,
developed by ARM Ltd, making the STM32W108 a true system-on-a-chip solution. The
ARM® Cortex-M3 is an advanced 32-bit modified Harvard architecture processor that has
separate internal program and data buses, but presents a unified program and data address
space to software. The word width is 32 bits for both the program and data sides. The
ARM® Cortex-M3 allows unaligned word and half-word data accesses to support efficiently-
packed data structures.
The ARM® Cortex-M3 clock speed is configurable to 6 MHz, 12 MHz, or 24 MHz. For
normal operation 12 MHz is preferred over 24 MHz due to its lower power consumption. The
6 MHz operation can only be used when radio operations are not required since the radio
requires an accurate 12 MHz clock.
The ARM® Cortex-M3 in the STM32W108 has also been enhanced to support two separate
memory protection levels. Basic protection is available without using the MPU, but the usual
operation uses the MPU. The MPU protects unimplemented areas of the memory map to
prevent common software bugs from interfering with software operation. The architecture
could also separate the networking stack from the application code using a fine granularity
RAM protection module. Errant writes are captured and details are reported to the developer
to assist in tracking down and fixing issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com