Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HBU71 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32W108HBU71
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HBU71 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32W108HBU71 Datasheet HTML 17Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 18Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 19Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 20Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 21Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 22Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 23Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 24Page - STMicroelectronics STM32W108HBU71 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Pinout and pin description
Doc ID 16252 Rev 14
21/278
26
22
PA4
I/O
Digital I/O
ADC4
Analog
ADC Input 4. Select analog function with GPIOA_CRH[3:0].
PTI_EN
O
Frame signal of Packet Trace Interface (PTI).
Disable trace interface in ARM core.
Select alternate output function with GPIOA_CRH[3:0].
TRACEDATA2
O
Synchronous CPU trace data bit 2.
Select 4-wire synchronous trace interface in ARM core.
Enable trace interface in ARM core.
Select alternate output function with GPIOA_CRH[3:0].
27
23
PA5
I/O
Digital I/O
ADC5
Analog
ADC Input 5. Select analog function with GPIOA_CRH[7:4].
PTI_DATA
O
Data signal of Packet Trace Interface (PTI).
Disable trace interface in ARM core.
Select alternate output function with GPIOA_CRH[7:4].
nBOOTMODE
I
Embedded serial bootloader activation out of reset.
Signal is active during and immediately after a reset on NRST.
See Section 6.2: Resets on page 44 for details.
TRACEDATA3
O
Synchronous CPU trace data bit 3.
Select 4-wire synchronous trace interface in ARM core.
Enable trace interface in ARM core.
Select alternate output function with GPIOA_CRH[7:4]
28
24
VDD_PADS
Power
Pads supply (2.1-3.6 V)
29
PA6
I/O
High
current
Digital I/O
TIM1_CH3
O
Timer 1 channel 3 output
Enable timer output in TIM1_CCER
Select alternate output function with GPIOA_CRH[11:8]
I
Timer 1 channel 3 input (Cannot be remapped.)
Table 2.
Pin descriptions (continued)
48-Pin
Package
Pin no.
40-Pin
Package
Pin no.
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com