Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DF Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TCR3DF
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DF Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TCR3DF Datasheet HTML 6Page - Toshiba Semiconductor TCR3DF Datasheet HTML 7Page - Toshiba Semiconductor TCR3DF Datasheet HTML 8Page - Toshiba Semiconductor TCR3DF Datasheet HTML 9Page - Toshiba Semiconductor TCR3DF Datasheet HTML 10Page - Toshiba Semiconductor TCR3DF Datasheet HTML 11Page - Toshiba Semiconductor TCR3DF Datasheet HTML 12Page - Toshiba Semiconductor TCR3DF Datasheet HTML 13Page - Toshiba Semiconductor TCR3DF Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TCR3DF series
2013-11-15
12
tON Response
tOFF Response
IOUT = 50mA
0
200
0
0
2.0
1.0
Time t (20 µs/div)
VOUT=1.0V
VOUT=2.5V
IOUT = 300mA
0.5
200
0
1.0
0
Time t (20 µs/div)
IOUT = 50mA
1.0
VIN = 2.0 V, CIN = 1µF, COUT = 1 µF
1.0
0
VIN = 3.5 V, CIN = 1µF, COUT = 1 µF
IOUT = 300mA
IOUT = 50mA
0
200
0
0
2.0
1.0
Time t (20 µs/div)
VOUT=1.0V
VOUT=2.5V
IOUT = 300mA
0.5
200
0
1.0
0
Time t (20 µs/div)
IOUT = 50mA
1.0
VIN = 2.0 V, CIN = 1µF, COUT = 1 µF
1.0
0
VIN = 3.5 V, CIN = 1µF, COUT = 1 µF
IOUT = 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com