Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR3DF
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR3DF Datasheet HTML 1Page - Toshiba Semiconductor TCR3DF Datasheet HTML 2Page - Toshiba Semiconductor TCR3DF Datasheet HTML 3Page - Toshiba Semiconductor TCR3DF Datasheet HTML 4Page - Toshiba Semiconductor TCR3DF Datasheet HTML 5Page - Toshiba Semiconductor TCR3DF Datasheet HTML 6Page - Toshiba Semiconductor TCR3DF Datasheet HTML 7Page - Toshiba Semiconductor TCR3DF Datasheet HTML 8Page - Toshiba Semiconductor TCR3DF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TCR3DF series
2013-11-15
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
300
mA
Power dissipation
PD
200 (Note1)
mW
580 (Note2)
Operation temperature range
Topr
−
40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−
55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit Rating
Note 2: Rating at mounting on a board
(FR4 board: 25.4 mm × 25.4 mm × 1.6 mm)
Pin Assignment (top view)
SMV(SOT-25)(SC-74A)
VOUT
CONTROL
GND
NC
VIN
1
3
2
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com