Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM13 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR3DM13
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM13 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR3DM13 Datasheet HTML 1Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 2Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TCR3DM series
2017-06-20
3
List of Products Number, Output voltage and Marking
Please contact your local Toshiba representative if you are interested in products with other output voltages.
Top Marking (top view)
Example: TCR3DM33 (3.3 V output)
Product No.
Output voltage(V)
Marking
Product No.
Output voltage(V)
Marking
TCR3DM10
1.0
1P0
TCR3DM25
2.5
2P5
TCR3DM105
1.05
1PA
TCR3DM28
2.8
2P8
TCR3DM11
1.1
1P1
TCR3DM285
2.85
2PD
TCR3DM12
1.2
1P2
TCR3DM30
3.0
3P0
TCR3DM13
1.3
1P3
TCR3DM32
3.2
3P2
TCR3DM135
1.35
1PD
TCR3DM33
3.3
3P3
TCR3DM15
1.5
1P5
TCR3DM36
3.6
3P6
TCR3DM18
1.8
1P8
TCR3DM45
4.5
4P5
3P3
INDEX
Lot code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com