Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM13 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR3DM13
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM13 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR3DM13 Datasheet HTML 1Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 2Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM13 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TCR3DM series
2017-06-20
4
Electrical Characteristics
(Unless otherwise specified, VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 1.0
μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage accuracy
VOUT
IOUT = 50 mA (Note 2)
VOUT <1.8 V
-18
―
+18
mV
1.8V
≤ VOUT
-1.0
―
+1.0
%
Input voltage
VIN
IOUT = 300 mA
1.75
―
5.5
V
Line regulation
Reg・line
VOUT + 0.5 V
≤ VIN ≤ 5.5 V,
IOUT = 1 mA
―
1
15
mV
Load regulation
Reg・load 1 mA
≤ IOUT ≤ 300 mA
―
18
35
mV
Quiescent current
IB
IOUT = 0 mA
VOUT = 1.0V
―
65
―
μA
VOUT = 1.8V
―
65
―
VOUT = 2.5V
―
68
―
VOUT = 4.5V
―
78
125
Stand-by current
IB (OFF)
VCT = 0 V
―
0.1
1
μA
Drop-out voltage
VIN-VOUT IOUT = 300 mA
(Note 3)
―
210
290
mV
Temperature coefficient
TCVO
-40°C
≤ Topr ≤ 85°C
―
75
―
ppm/°C
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz
≤ f ≤ 100 kHz, Ta = 25°C
(Note 3)
―
38
―
μVrms
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f = 1 kHz, VRipple = 500 mVp-p,
Ta = 25°C
(Note 3)
―
70
―
dB
Load transient response
ΔVOUT
IOUT = 1 mA⇔300mA, COUT = 1.0
μF
―
±80
―
mV
Control voltage (ON)
VCT (ON)
―
1.0
―
5.5
V
Control voltage (OFF)
VCT (OFF)
―
0
―
0.4
V
Note 2:
Stable state with fixed IOUT condition.
Note 3:
The 2.5 V output product.
Drop-out voltage
(IOUT = 300 mA, CIN = 1.0
μF, COUT = 1.0 μF, Tj = 25°C)
Output voltages
Symbol
Min
Typ.
Max
Unit
1.0 V, 1.05 V
VIN-VOUT
―
590
750
mV
1.1 V
―
550
650
1.2 V
―
490
600
1.3 V
―
450
550
1.35V, 1.4 V
―
390
520
1.5 V
≤ VOUT < 1.8 V
―
350
450
1.8 V
≤ VOUT < 2.1 V
―
270
380
2.1 V
≤ VOUT < 2.5 V
―
240
330
2.5 V
≤ VOUT < 2.8 V
―
210
290
2.8 V
≤ VOUT < 3.2 V
―
200
250
3.2 V
≤ VOUT < 3.6 V
―
180
230
3.6 V
≤ VOUT ≤ 4.5 V
―
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com