Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # A7987TR
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A7987TR Datasheet HTML 17Page - STMicroelectronics A7987TR Datasheet HTML 18Page - STMicroelectronics A7987TR Datasheet HTML 19Page - STMicroelectronics A7987TR Datasheet HTML 20Page - STMicroelectronics A7987TR Datasheet HTML 21Page - STMicroelectronics A7987TR Datasheet HTML 22Page - STMicroelectronics A7987TR Datasheet HTML 23Page - STMicroelectronics A7987TR Datasheet HTML 24Page - STMicroelectronics A7987TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Figure 14. Type III compensation - Bode plot
f Z1
f LC
f ZESR
f BW
f P1
E/A gain
G
LOOP,III
G
COMP,III
G
LC,III
f Z2
f P2
6.5
Thermal considerations
The thermal design prevents the thermal shutdown of the device if junction temperature goes above 170 °C (typ.).
The three different sources of losses within the device are:
•
conduction losses due to the non-negligible RDS(on) of the power switch; these are equal to
PHS,ON=RHS,ON⋅D⋅ IOUT2
(29)
where D is the duty cycle of the application and RHS,ON is the maximum resistance overtemperature of the power
switch. Note that the duty cycle is theoretically given by the ratio between VOUT and VIN, but actually it is quite
higher in order to compensate the losses of the regulator. So the conduction losses increase compared with the
ideal case;
•
switching losses due to power MOSFET turn-ON and OFF; these can be calculated as:
PHS,SW=VIN⋅IOUT⋅ TRISE+TFALL
2 ⋅fSW≅VIN⋅IOUT⋅TTR⋅fSW
(30)
where TRISE and TFALL are the overlap times of the voltage across the power switch (VDS) and the current flowing
into it during turn-ON and turn-OFF phases. TTR is the equivalent switching time. For this device the typical value
for the equivalent switching time is 40 ns.
•
Quiescent current losses, calculated as follows:
PQ=VIN⋅IQOPVIN+VBIAS⋅IQOPVBIAS
(31)
where IQOPVIN and IQOPVBIAS are the A7987 quiescent current in case of separate bias supply. If the switch-over
feature is not used, the IC quiescent current is the only one from VIN, IQUIESC, as summarized in
Table 5. Electrical characteristics. The junction temperature TJ can be calculated as the equation below:
A7987
Thermal considerations
DS12928 - Rev 3
page 21/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com